Part Number Hot Search : 
80C10 ZTTMT 56ADA0 TFA9895 ADM1041A 56ADA0 H47R0 35P1Q
Product Description
Full Text Search
 

To Download 808-H-2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Magnetic Overcurrent Circuit Breaker 808-...
Description
Single pole miniaturised magnetic circuit breakers with unique highspeed operating mechanism and push/pull on/off manual actuation. Fitted with electrically separate excitation and switching circuits, and one pair of auxiliary contacts which close when the main circuit is open. Also suitable for impulse operation. Designed for printed circuit board mounting. Low temperature sensitivity.
NEW
Typical applications
Printed circuit boards and components, safety and control systems.
808 Ordering information
Type No. 808 fast-acting Manual release (optional) H manual release facility Current ratings 0.01 ...8 A 808 H - 1A ordering example
Technical data
Voltage rating Current ratings Max. continuous load excitation circuit (2-3) Max. continuous load switching circuit 6-7 auxiliary circuit 4-5 Typical life Ambient temperature Insulation co-ordination (IEC 60664 and 60664A) DC 24 V UL, CSA: AC 120 V, DC 60 V 0.01...8 A 2.65 x IN
3
Packaging quantity: 250 pcs
5A 6,000 operations at 5 A for switching circuit -30...+70 C (-22...+158 F) Rated impulse withstand voltage 1.5 kV Test voltage AC 840 V Pollution degree 2
Standard current ratings and typical internal resistance values
Current rating (A) 0.01 0.02 0.03 0.04 0.05 0.08 0.1 0.2 0.3 0.4 0.5 0.6 0.7 Internal resistance () 625 170 77 47 29.2 10.3 5.6 1.65 0.89 0.39 0.28 0.198 0.143 Current rating (A) 0.8 0.9 1 1.2 1.5 2 2.5 3 3.25 4 4,5 5 8 Internal resistance () 0.096 0.085 0.073 0.050 0.031 0.02 0.02 0.02 0.02 0.02 0.02 0.02 0.02
Dielectric strength (IEC 60664 and 60664A) excitation to switching circuit excitation to auxiliary circuit Insulation resistance Interrupting capacity (o-o-o) Interrupting capacity (UL 1077) Degree of protection (IEC 60529/DIN 40050) Vibration
AC 1,680 V > 100 M (DC 500 V) 100 A 1,000 A AC 120 V 200 A DC 60 V operating area IP 30 terminal area IP 00 3 g (57-500 Hz), 0.23 mm (10-57 Hz), to IEC 60068-2-6, test Fc 10 frequency cycles/axis 25 g (11 ms) to IEC 60068-2-27, test Ea 96 hours at 5 % salt mist, to IEC 60068-2-11, test Ka 240 hours at 95 % RH to IEC 60068-2-3, test Ca approx. 10 g
Shock Corrosion Humidity Mass
Approvals
Authority CSA UL Voltage ratings AC 120 V, DC 60 V DC 60 V AC 120 V Current ratings 0.01 ...5 A 0.01 ...8 A 0.01 ...5 A
Issue C
USA (847) 827-7600 - CANADA (905) 764-9510
171
Magnetic Overcurrent Circuit Breaker 808-...
Dimensions
808
20 .787 o9.3 .366
Internal connection diagram
5 OFF .197
4
5 7
2-3: excitation circuit 6-7: switching circuit 4-5: auxiliary circuit
0 ON
o4 .157 5 .197
6
2 +
3
30 1.18
5 .197
14 .551
Typical time/current characteristics at +23C/+73.4F
0.5 .020 10 .394 15.5 .610 Trip time in milliseconds
10000
15 .591
3
808-H
20 .787 o9.3 .366
0.6 .024
1000
100
10
2.5 ON .098 7.5 OFF .295
o4 .157 5 .197
1
5 .197
0.1 1 2 4 6 8 10 20 40 ... times rated current
30 1.18
14 .551
15 .591
0.6 .024
0.5 .020 10 .394 15.5 .610
This is a metric design and millimeter dimensions take precedence ( inch ) All dimensions without tolerances are for reference only. In the interest of improved design, performance and cost effectiveness the right to make changes in these specifications without notice is reserved.Product markings may not be exactly as the ordering codes. Errors and omissions excepted.
mm
172
USA (847) 827-7600 - CANADA (905) 764-9510
Issue C


▲Up To Search▲   

 
Price & Availability of 808-H-2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X